PART |
Description |
Maker |
Q67060-S7432 P-TO220-3-1 P-TO263-3-2 P-TO262-3-1 P |
Low Voltage MOSFETs - Power MOSFET, 100V, TO-262, RDSon=33mOhm, 47A, LL SIPMOS垄莽 Power-Transistor SIPMOS庐 Power-Transistor SIPMOS? Power-Transistor SIPMOS㈢ Power-Transistor
|
Infineon Technologies AG
|
BUW36 BUY69A BUY69B BUX48 BUX80 BDX87 BDX88 BDW51 |
Leaded Power Transistor Darlington Power Transistors 15 A, 45 V, PNP, Si, POWER TRANSISTOR, TO-3 INDUCTOR PWR UNSHIELD 470UH SMT Certification- 5.2kVDC Isolation- Power Sharing- Pin Compatible with RH & RK Series, SIP DC-DC Converters- UL94V-0 Package M Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
45912-0026 0459120026 |
12.90mm (.508) Pitch EXTreme PowerEdge? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Power, Power, Signal, Power Sequence), Press-Fit
|
Molex Electronics Ltd.
|
AT73C203 |
Power Management IC for Datacom Platforms 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PBGA100 The AT73C203 is a low-cost, ultra low-power, power and battery management IC designed to interface directly with portable and hand-held applications built around microprocessors requiring smart power management functions. It includes all r
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
TDA16846 TDA16847 TDA1684603 TDA16846-2 TDA16847-2 |
Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
|
Infineon Technologies AG
|
TA8260AH |
Max Power 40 W BTL 4CH Audio Power IC Max Power 40 W BTL 】 4CH Audio Power IC Max Power 40 W BTL x 4CH Audio Power IC RAC15-TA(-E)(-ST) Series - Powerline Regulated AC-DC Converters; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; Features: Compact AC-DC Power
|
Toshiba Semiconductor Toshiba Corporation
|
2SD1267A |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SC3942 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|